Part Number Hot Search : 
DDTC114 N037T BZX84 HE13002 F4007 74F273A 4021006 1N4679
Product Description
Full Text Search
 

To Download 15KE180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6267........ 1N6303A / 1.5KE6V8........ 1.5KE440A 1N6267C....1N6303CA / 1.5KE6V8C....1.5KE440CA
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Dimensions in mm. DO201AE (Plastic)
Peak Pulse Power Rating At 1 ms. Exp. 1500 W
Reverse stand-off Voltage 5.5 / 376 V
(R)
9.3
0.3
59.5 0.5
Mounting instructions 1. Min. distance from body to soldering point, 4 mm. 2. Max. solder temperature, 300 C. 3. Max. soldering time, 3.5 sec. 4. Do not bend lead at a point closer than 3 mm. to the body.
* Glass passivated junction * Low Capacitance AC signal protection * Response time typically < 1 ns. * Molded case * The plastic material carries U/L recognition 94 V-0 * Terminals: Axial leads
Maximum Ratings, according to IEC publication No. 134
Ppp IFSM Tj Tstg PM(AV) Peak pulse power with 10/1000 s exponential pulse Non repetitive surge peak forward (Jedec Method) current (t = 8.3 msec.)
(Note 1)
1500 W 200 A - 65 to + 175 C - 65 to + 175 C 5W
Operating temperature range Storage temperature range Steady state Power Dissipation (l = 10 mm)
Electrical Characteristics at Tamb = 25 C
VF Rthj-l Max. forward voltage drop at IF = 100 A
(Note 1)
VBR 220 V VBR > 220 V
3.5 V 5.0 V 20 C/W
Max. thermal resistance (1 = 10 mm.)
Note 1: Valid only for Unidirectional.
Jun - 00
1.5KE6V8....1.5KE440A 1N6267...........1N6303A
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR at (V) Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1
Type Unidirectional
1N6267 1N6267A 1N6268 1N6268A 1N6269 1N6269A 1N6270 1N6270A 1N6271 1N6271A 1N6272 1N6272A 1N6273 1N6273A 1N6274 1N6274A 1N6275 1N6275A 1N6276 1N6276A 1N6277 1N6277A 1N6278 1N6278A 1N6279 1N6279A 1N6280 1N6280A 1N6281 1N6281A 1N6282 1N6282A 1N6283 1N6283A 1N6284 1N6284A 1N6285 1N6285A 1N6286 1N6286A 1N6287 1N6287A 1N6288 1N6288A 1.5KE6V8 1.5KE6V8A 1.5KE7V5 1.5KE7V5A 1.5KE8V2 1.5KE8V2A 1.5KE9V1 1.5KE9V1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A
IR
(A)
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6
Min.
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5
Nom.
6.8 6.8 7.5 7.5 8.2 8.2 9.1 9.1 10 10 11 11 12 12 13 13 15 15 16 16 18 18 20 20 22 22 24 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 51 51
Max.
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6
(mA)
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
(A) 139 143 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 00
1.5KE6V8....1.5KE440A 1N6267...........1N6303A
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR at (V) Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 457 438 504 482 574 548 631 602 (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12 10.4 11 9.5 9.9 8.7 9.1 8 8.4 7 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 5 5 5 5 4.50 4.50 4 4 4 4 2.38 2.5
Type Unidirectional
1N6289 1N6289A 1N6290 1N6290A 1N6291 1N6291A 1N6292 1N6292A 1N6293 1N6293A 1N6294 1N6294A 1N6295 1N6295A 1N6296 1N6296A 1N6297 1N6297A 1N6298 1N6298A 1N6299 1N6299A 1N6300 1N6300A 1N6301 1N6301A 1N6302 1N6302A 1N6303 1N6303A 1.5KE56 1.5KE56A 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE320 1.5KE320A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A
IR
(A)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 259 273 284 300 324 342 356 376
Min.
50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 288 304 315 332 360 380 396 418
Nom.
56 56 62 62 68 68 75 75 82 82 91 91 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 200 200 220 220 250 250 300 300 320 320 350 350 400 400 440 440
Max.
61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 352 336 385 368 440 420 484 462
(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 00
1.5KE6V8C......1.5KE440CA 1N6267C...........1N6303CA
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR at (V) Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 (A) 139 143 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4
Type Bidirectional
1N6267C 1.5KE6V8C 1N6267C 1.5KE6V8CA 1N6268C 1.5KE7V5C 1N6268CA 1.5KE7V5CA 1N6269C 1.5KE8V2C 1N6269CA 1.5KE8V2CA 1N6270C 1.5KE9V1C 1N6270CA 1.5KE9V1CA 1N6271C 1.5KE10C 1N6271CA 1.5KE10CA 1N6272C 1.5KE11C 1N6272CA 1.5KE11CA 1N6273C 1.5KE12C 1N6273CA 1.5KE12CA 1N6274C 1.5KE13C 1N6274CA 1.5KE13CA 1N6275C 1.5KE15C 1N6275CA 1.5KE15CA 1N6276C 1.5KE16C 1N6276CA 1.5KE16CA 1N6277C 1.5KE18C 1N6277CA 1.5KE18CA 1N6278C 1.5KE20C 1N6278CA 1.5KE20CA 1N6279C 1.5KE22C 1N6279CA 1.5KE22CA 1N6280C 1.5KE24C 1N6280CA 1.5KE24CA 1N6281C 1.5KE27C 1N6281CA 1.5KE27CA 1N6282C 1.5KE30C 1N6282CA 1.5KE30CA 1N6283C 1.5KE33C 1N6283CA 1.5KE33CA 1N6284C 1.5KE36C 1N6284CA 1.5KE36CA 1N6285C 1.5KE39C 1N6285CA 1.5KE39CA 1N6286C 1.5KE43C 1N6286CA 1.5KE43CA 1N6287C 1.5KE47C 1N6287CA 1.5KE47CA 1N6288C 1.5KE51C 1N6288CA 1.5KE51CA
IR
(A)
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6
Min.
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5
Nom.
6.8 6.8 7.5 7.5 8.2 8.2 9.1 9.1 10 10 11 11 12 12 13 13 15 15 16 16 18 18 20 20 22 22 24 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 51 51
Max.
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6
(mA)
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 00
1.5KE6V8C......1.5KE440CA 1N6267C...........1N6303CA
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR (V) at IR Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 457 438 504 482 574 548 631 602 (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12 10.4 11 9.5 9.9 8.7 9.1 8 8.4 7 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 5 5 5 5 4.50 4.50 4 4 4 4 2.38 2.5
Type Bidirectional
1N6289C 1.5KE56C 1N6289CA1.5KE56CA 1N6290C 1.5KE62C 1N6290CA 1.5KE62CA 1N6291C 1.5KE68C 1N6291CA 1.5KE68CA 1N6292C 1.5KE75C 1N6292CA 1.5KE75CA 1N6293C 1.5KE82C 1N6293CA 1.5KE82CA 1N6294C 1.5KE91C 1N6294CA 1.5KE91CA 1N6295C 1.5KE100C 1N6295CA 1.5KE100CA 1N6296C 1.5KE110C 1N6296CA 1.5KE110CA 1N6297C 1.5KE120C 1N6297CA1.5KE120CA 1N6298C 1.5KE130C 1N6298CA 1.5KE130CA 1N6299C 1.5KE150C 1N6299CA 1.5KE150CA 1N6300C 1.5KE160C 1N6300CA 1.5KE160CA 1N6301C 1.5KE170C 1N6301CA 1.5KE170CA 1N6302C 1.5KE180C 1N6302CA 1.5KE180CA 1N6303C 1.5KE200C 1N6303CA 1.5KE200CA 1.5KE220C 1.5KE220CA 1.5KE250C 1.5KE250CA 1.5KE300C 1.5KE300CA 1.5KE320C 1.5KE320CA 1.5KE350C 1.5KE350CA 1.5KE400C 1.5KE400CA 1.5KE440C 1.5KE440CA
(A)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 259 273 284 300 324 342 356 376
Min.
50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 288 304 315 332 360 380 396 418
Nom.
56 56 62 62 68 68 75 75 82 82 91 91 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 200 200 220 220 250 250 300 300 320 320 350 350 400 400 440 440
Max.
61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 352 336 385 368 440 420 484 462
(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 00
1.5KE
DERATING CURVE
100 100 Ipp 75
50
Ipp/2
50
25
10 s 1 ms
1
t - time
0 0 25 50 75 100 125 150 175
Temperature in C
Pulse wave form 10/1000
PEAK PULSE POWER RATING CURVE
TYPICAL JUNCTION CAPACITANCE
10
5
10
4
10
4
10
3
Measured at VBR and 1 MHz.
10
3
10
2
10 1s
2
10 10s 100s
Pulse time - t
1ms
10ms
1
10
10
2
10
3
10
4
VBR - Breakdown voltage (V)
Jun - 00


▲Up To Search▲   

 
Price & Availability of 15KE180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X